1 technical data sheet c female connector solder attachment 4 hole flange solder cup terminal, .718 inch hole spacing c female connector solder attachment 4 hole flange solder cup terminal, .718 inch hole spacing confguration connector c female connector specifcation mil-std-348a connector interface type solder cup cable attachment method (shield/contact) solder body style straight mount method 4 hole flange electrical specifcations frequency range, ghz dc to 1 1 impedance, ohms 50 maximum operating voltage, volts 1,000 dielectric withstanding voltage, vrms 3,000 frequency 1 frequency, ghz dc to 10 vswr 1.3:1 mechanical specifcations temperature operating range, deg c -65 to +165 size length, in [mm] 1.09 [27.69] width/dia., in [mm] 1 [25] height, in [mm] 1 [25.4] . weight, lbs [g] 0.041 [18.6] connector type c female contact material and plating brass, gold body material and plating brass, nickel body plating specifcation 100 in. minimum dielectric type t efon compliance certifcations (visit www.pasternack.com for current document) rohs compliant y es plotted and other data notes: v alues at 25 c, sea level url: http://www.pasternack.com/c-female-standard-solder-cup-terminal-connector-PE4241-p.aspx c female connector solder attachment 4 hole flange solder cup terminal, .718 inch hole spacing from pasternack enterprises has same day shipment for domestic and international orders. we maintain 99% availability of the industrys PE4241 PE4241 rev
? 2012 pasternack enterprises all rights reserved 2 PE4241 rev c female connector solder attachment 4 hole flange solder cup terminal, .718 inch hole spacing PE4241 cad drawing
|